Part Number Hot Search : 
TDA68122 2SD1026 7823A KD30GB80 PM537CE 3M016 MLX90 24AA16
Product Description
Full Text Search
 

To Download FLM1011-15F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLM1011-15F
X,Ku-Band Internally Matched FET
FEATURES High Output Power: P1dB=42.0dBm(Typ.) High Gain: G1dB=7.0dB(Typ.) High PAE: add=31%(Typ.) Broad Band: 10.7~11.7GHz Impedance Matched Zin/Zout = 50 Hermetically Sealed Package DESCRIPTION The FLM1011-15F is a power GaAs FET that is internally matched for standard communication bands to provide optimum power and gain in a 50 system.
ABSOLUTE MAXIMUM RATINGS (Case Temperature Tc=25C)
Item Drain-Source Voltage Gate-Source Voltage Total Power Dissipation Storage Temperature Channel Temperature Symbol VDS VGS PT Tstg Tch Rating 15 -5 57.7 -65 to +175 175
o
Unit V V W C C
o
RECOMMENDED OPERATING CONDITION (Case Temperature Tc=25C)
Item DC Input Voltage Forward Gate Current Reverse Gate Current Symbol VDS IGF IGR RG=50 RG=50 Condition Limit Unit V mA mA
10 16.7 -3.62
Limit Typ. 7.2 4500 -1.5 42.0 7.0 4.0 31 2.3 -45
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25C)
Item Drain Current Transconductance Pinch-off Voltage
Gate-Source Breakdown Voltage
Symbol IDSS gm Vp VGSO P1dB G1dB Idsr add G Rth Tch IM3
Test Conditions VDS=5V, VGS=0V VDS=5V, IDS=4.55A VDS=5V, IDS=300mA IGS=-300uA VDS=10V f=10.7 - 11.7 GHz IDS=0.5Idss (typ) Zs=ZL=50
Min. -0.5 -5.0 41.0 6.0 -42
Max. 10.8 -3.0 5.0 1.2 2.6 100 -
Unit A mS V V dBm dB A % dB
o
Output Power at 1dB G.C.P. Power Gain at 1dB G.C.P. Drain Current Power-added Efficiency Gain Flatness Thermal Resistance Channel Temperature Rise 3rd Order Intermodulation Distortion
Channel to Case 10V x Idsr x Rth
f=11.7GHz, f=10MHz, 2-Tone Test Pout=30.0dBm S.C.L.
C/W
o
C
dBc
CASE STYLE: IB ESD
Edition 1.2 September 2004
G.C.P.:Gain Compression Point, S.C.L.:Single Carrier Level
Class III
2000V~
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5k)
1
FLM1011-15F
X,Ku-Band Internally Matched FET
POWER DERATING CURVE 60 Output Power [dBm]
Total Power Dissipation [W]
OUTPUT POWER , POWER ADDED EFFICIENCY v.s. INPUT POWER
Vds=10V, Ids=0.5Idss Freq=11.2GHz
44 42 40 38 36 34 32 30
Pout
70 60 50 40
PAE
50 40 30 20 10 0 0 50 100 150 200
Case Temperature [o C]
30 20 10 0
22
24
26
28
30
32
34
36
38 38
Input Power [dBm]
OUTPUT POWER v.s. FREQUENCY
Vds=10V, Ids=0.5Idss
44
Pin=36dBm -40
IMD v.s. OUTPUT POWER (S.C.L.) Vds=10V, Ids=3.6A f1=11.70GHz, f2=11.71GHz, 2-tone test
42
Intermodulation Distortion [dBc]
-44
Output Power [dBm]
40 38 36
Pin=34dBm Pin=30dBm
P1dB
-48
IM3
-52
-56
Pin=26dBm
34 32 10.5 10.7 10.9 11.1 11.3 11.5 11.7 11.9
IM5
-60
-64 25 26 27 28 29 30 31 32 33 34
Frequency [GHz]
Output Power (S.C.L.) [dBm] 2
Power Added Efficiency [%]
FLM1011-15F
X,Ku-Band Internally Matched FET
S-PARAMETERS
+50j +25j +100j
+90
+10j
10.5
+250j
10.5
10.9 10.7
11.1
11.3 11.5
10.7
11.9 10 25 11.7 50 11.9 11.7 11.1 11.5 11.3 11.5 11.3 11.1
0
10.9
10.5 10.7
180
6
Scale for |S21|
10.9 11.1 11.3 10.7 11.5 10.5 11.7 11.9
11.7 11.9
0
-10j
10.9
-250j
-25j -50j
-100j
S 11 S 22
Scale for | S 12 |
0.6 -90
S 21 S 12
VDS=10V , IDS=0.5Idss
Freq.
(G H z) 10. 5 10. 6 10. 7 10. 8 10. 9 11. 0 11. 1 11. 2 11. 3 11. 4 11. 5 11. 6 11. 7 11. 8 11. 9 M AG 0. 580 0. 543 0. 505 0. 465 0. 428 0. 389 0. 359 0. 334 0. 325 0. 325 0. 338 0. 359 0. 383 0. 415 0. 445
S 11
ANG 62. 4 51. 5 39. 9 26. 8 11. 9 -5. 2 -23. 9 -45. 5 -67. 6 -90. 9 -113. 1 -134. 2 -154. 1 -172. 6 169. 3 M AG 2. 199 2. 241 2. 289 2. 328 2. 380 2. 419 2. 453 2. 476 2. 472 2. 466 2. 446 2. 403 2. 367 2. 312 2. 243
S 21
ANG 163. 7 152. 6 142. 1 131. 0 119. 8 108. 3 96. 2 84. 4 72. 1 59. 6 47. 2 34. 3 21. 8 9. 1 -4. 3 M AG 0. 061 0. 067 0. 072 0. 078 0. 084 0. 089 0. 092 0. 095 0. 097 0. 099 0. 100 0. 100 0. 099 0. 096 0. 095
S 12
ANG 143. 2 131. 7 121. 5 109. 7 98. 9 87. 5 75. 7 64. 1 51. 7 40. 7 28. 0 16. 9 6. 5 -4. 4 -15. 8 M AG 0. 438 0. 439 0. 442 0. 446 0. 440 0. 426 0. 406 0. 378 0. 342 0. 298 0. 250 0. 201 0. 158 0. 128 0. 121
S 22
ANG -10. 3 -21. 9 -33. 2 -44. 2 -54. 3 -64. 2 -73. 5 -81. 8 -88. 4 -93. 3 -95. 3 -95. 0 -88. 3 -74. 1 -52. 5
3
FLM1011-15F
X,Ku-Band Internally Matched FET
Package Out Line Case Style : IB
Unit : mm PIN ASSIGNMENT 1 : GATE 2 : SOURCE 3 : DRAIN 4 : SOURCE
4
FLM1011-15F
X,Ku-Band Internally Matched FET
For further information please contact :
CAUTION
Eudyna Devices USA Inc. 2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. TEL: (408) 232-9500 FAX: (408) 428-9111 www.us.eudyna.com Eudyna Devices Europe Ltd. Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ United Kingdom TEL: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888 Eudyna Devices Asia Pte. Ltd. Hong Kong Branch Rm.1101,Ocean Centre, 5 Canton Road Tsim Sha Tsui, Kowloon, Hong Kong TEL: +852-2377-0227 FAX: +852-2377-3921 Eudyna Devices Inc. 1000 Kamisukiahara, showa-cho Nakakomagun, Yamanashi 409-3883, Japan (Kokubo Industrial Park) TEL +81-55-275-4411 FAX +81-55-275-9461
Sales Division 1, Kanai-cho, Sakae-ku Yokohama,244-0845,Japan
Eudyna Devices Inc. products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures: Do not put these products into the mouth. Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these byproducts are dangerous to the human body if inhaled, ingested, or swallowed. Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures. Eudyna Devices Inc. reserves the right to change products and specifications without notice.The information does not convey any license under rights of Eudyna Devices Inc. or others.
(c) 2004 Eudyna Devices USA Inc. Printed in U.S.A.
TEL +81-45-853-8156 FAX +81-45-853-8170
5


▲Up To Search▲   

 
Price & Availability of FLM1011-15F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X